PART |
Description |
Maker |
20SVP22M OS-CON20SVP22M |
SVP series 20SVP22M
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
20SVP150M OS-CON20SVP150M |
OS-CON SVP series 操作系统- con公司高级副总裁系列
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
SVP-EX12 |
(SVP-EXxx) Super Video Signal Processor
|
Trident
|
ML4803CP-1 ML4803CP-2 ML4803CP1 ML4803IX-X ML4803 |
Power Factor Correction (PFC) and PWM Controller Combo From old datasheet system CAPACITOR, 10UF 10VCAPACITOR, 10UF 10V; Capacitance:10uF; Voltage rating, DC:10V; Capacitor dielectric type:; Series:SVP; Temp, op. max:105(degree C); Temp, op. min:-55(degree C); Tolerance, :20%; Tolerance, -:20%; Current, ripple 8引脚PFC和PWM组合控制 8-Pin PFC and PWM Controller Combo 1 A POWER FACTOR CONTROLLER WITH POST REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDSO8
|
FAIRCHILD[Fairchild Semiconductor] Micro Linear Corporation Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
415322-2 |
F Series and G Series; SURFACE MOUNT JACK, F SERIES ( AMP )
|
Tyco Electronics
|
W8486A |
EPM Series Power Meters E-Series and 8480 Series Power Sensors
|
Keysight Technologies
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
5LP02M |
PicoMOSFET Series Ultrahigh-Speed Switching Applications Pico MOSFET Series
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
0237 AA-0237-1 AA-0237-3 AA-0237-5 |
The 237 Series is designed to provide more aggressive performance than the 220 or 221 series.
|
JMK Inc.
|
102-073-012 102-073-016 102-073-004 102-073-024 10 |
Dacron Tubular Braid (Black) for Series 72 & 74 Tubing and Series 75 Conduit
|
Glenair, Inc.
|
KDE1205PHB1 B0503PFB1-8 B0503PFB3-8 B0535PEB2-8 KD |
KDE SERIES DC Brushless Fan&Blower Traditional Motor Series
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
ACT8865QI305-T |
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
|
Active-Semi, Inc
|